Part Number Hot Search : 
SA70A ARM28XXT KBPC1508 XF100 D5108 VIET824A DEVICE 8800A
Product Description
Full Text Search
 

To Download B43304J2687M007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Snap-In Capacitors Miniaturized - 85 C B43304
General-purpose grade capacitors Applications
I Switch-mode power supplies in industrial
B43304
and entertainment electronics Features
I Extremely miniaturized I High ripple current capability I Many different case sizes available for
each capacitance value Construction
I I I I I I
Charge-discharge proof, polar Aluminum case, fully insulated Snap-in solder pins to hold component in place on PC-board Minus pole marking on case surface Minus pole not insulated from case Overload protection (safety vent)
Terminals
I Standard version with 2 terminals
2 lengths available: 6,3 and 4,5 mm
I 3 terminals: length 4,5 mm
(terminal arrangement ensures correct insertion)
223 10/02
B43304 Miniaturized - 85 C
Specifications and characteristics in brief Rated voltage UR Surge voltage US Rated capacitance CR Capacitance tolerance Dissipation factor tan (20 C, 120 Hz) Leakage current IL (5 min, 20 C) Self-inductance ESL Useful life 85 C; UR; I~max 40 C; UR; 1,15 * I~R > 2 000 h > 100 000 h 200 ... 450 VDC 1,15 * UR (for UR 250 VDC) 1,10 * UR (for UR 400 VDC) 82 ... 2 200 F 20 % M UR 250 V: tan 0,15 UR 400 V: tan 0,20
C R U R 0,7 I L 0,3 A ae ------- ------- o + 4 A e F V o
Approx. 20 nH Requirements: C/C tan IL 30 % of initial value 3 times initial specified limit initial specified limit
Failure percentage: 1 % Failure rate: 100 fit ( 100 * 10 -9/h) (for definiton "fit", refer to chapter "Quality", page 62) Load life test 85 C; UR; I~R 2 000 h Post test requirements: C/C tan IL C/C tan IL 20 % of initial value 2 times initial specified limit initial specified limit 10 % of initial value 1,3 times initial specified limit initial specified limit
Voltage endurance test 85C; UR 2 000 h
Post test requirements:
Vibration resistance
IEC climatic category
Detail specification Sectional specification
To IEC 60068-2-6, test Fc: displacement amplitude 0,35 mm, frequency range 10 ... 55 Hz, acceleration max. 5 g, duration 3 x 2 h To IEC 60068-1: UR 250 VDC: 40/085/56 (- 40C/+ 85C/56 days damp heat test) UR 400 VDC: 25/085/56 (- 25C/+ 85C/56 days damp heat test) Similar to CECC 30301-806 IEC 60384-4
224 10/02
B43304 Miniaturized - 85 C
Dimensional drawings
Minus pole marking Minus pole marking
Mounting holes Mounting holes
KAL0140-J
KAL0324-F
Snap-in terminals, standard (length 6,3 1 mm). Also available in a shorter version with a length of 4,5 -1 mm. For packing mode and ordering example see next page. Dimensions (mm) d+1 l2 22 22 22 22 22 22 25 25 25 25 25 25 25 30 35 40 45 50 25 30 35 40 45 50 Approx. Packing units weight (g) (pieces) 9 12 15 18 20 24 13 17 19 22 25 29 160 160 160 160 160 160 130 130 130 130 130 130
Snap-in capacitors are also available with 3 terminals (length 4,5 -1 mm). For packing mode and ordering example see next page. Dimensions (mm) d+1 l2 30 30 30 30 30 30 35 35 35 35 35 35 25 30 35 40 45 50 25 30 35 40 45 50 Approx. Packing units weight (g) (pieces) 17 23 29 36 41 46 22 29 36 41 56 70 80 80 80 80 80 80 60 60 60 60 60 60
225 10/02
B43304 Miniaturized - 85 C
Packing of snap-in capacitors
For ecological reasons the packing is pure cardboard. Components can be withdrawn (in full or in part) in the correct position for insertion. Ordering codes Snap-in terminals Version Standard terminals (6,3 1) mm Short terminals (4,5 -1) mm 3 terminals (4,5 -1) mm Ordering example: B43304A9107M007 B43304A9107M002 Identification in 3rd block of ordering code M000 M007 M002
} }
snap-in capacitor with short terminals snap-in capacitor with 3 terminals 226 10/02
B43304 Miniaturized - 85 C
Overview of available types
UR (VDC) CR (F)
82 100 120
200
250
400
450 22 x 25
Case dimensions d x l (mm) 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 30 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45
22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 25 22 x 45 25 x 35 30 x 30 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40
150
180
220
270
22 x 30
330
22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 25 x 40 30 x 30 35 x 25
22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 25 x 35 30 x 30 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30
390
470
560
680
35 x 45
820
227 10/02
B43304 Miniaturized - 85 C
Overview of available types
UR (VDC) CR (F)
1 000
200 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45
250
400
450
Case dimensions d x l (mm) 30 x 40 35 x 35 30 x 45 35 x 35 35 x 45 35 x 50
1 200
1 500 1 800 2 200
The capacitance and voltage ratings listed above are available in different cases upon request. Other voltage and capacitance ratings are also available upon request.
228 10/02
B43304 Miniaturized - 85 C
Technical data and ordering codes
UR
VDC 200
CR 100 Hz 20 C F
330 390 390 470 470 560 560 680 680 680 820 820 820 820 1 000 1 000 1 000 1 200 1 200 1 200 1 500 1 500 1 800 1 800 2 200
Case dimensions dxl mm 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45
ESRtyp 100 Hz 20 C m
470 400 400 330 330 280 280 230 230 230 190 190 190 190 160 160 160 130 130 130 110 110 90 90 70
Zmax 10 kHz 20 C m
560 480 480 400 400 330 330 280 280 280 230 230 230 230 190 190 190 160 160 160 130 130 110 110 90
I~max 100 Hz 40 C A
2,7 3,1 3,2 3,6 3,7 4,0 4,1 4,6 4,7 4,6 5,3 5,5 5,4 5,6 6,3 6,2 6,6 7,2 7,2 7,2 8,4 8,5 8,7 8,9 10,2
I~R1) 100 Hz 85 C A
1,2 1,4 1,4 1,6 1,7 1,8 1,8 2,1 2,1 2,1 2,4 2,5 2,4 2,6 2,9 2,8 3,0 3,3 3,3 3,3 3,8 3,9 4,0 4,0 4,6
Ordering code2)
B43304A2337M000 B43304A2397M000 B43304B2397M000 B43304A2477M000 B43304B2477M000 B43304A2567M000 B43304B2567M000 B43304A2687M000 B43304B2687M000 B43304C2687M000 B43304A2827M000 B43304B2827M000 B43304C2827M000 B43304D2827M000 B43304A2108M000 B43304B2108M000 B43304C2108M000 B43304A2128M000 B43304B2128M000 B43304C2128M000 B43304A2158M000 B43304B2158M000 B43304A2188M000 B43304B2188M000 B43304A2228M000
1) 120 Hz conversion factor of ripple current: I~ (120 Hz) = 1,03 * I~ (100 Hz) 2) Ordering code for standard terminals (6,3 mm). To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 226.
229 10/02
B43304 Miniaturized - 85 C
Technical data and ordering codes
UR
VDC 250
CR 100 Hz 20 C F
220 270 330 330 390 390 470 470 470 560 560 560 680 680 680 680 820 820 820 1 000 1 000 1 200 1 200 1 500 1 800
Case dimensions dxl mm 22 x 25 22 x 30 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 25 x 35 30 x 30 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 35 35 x 45 35 x 50
ESRtyp 100 Hz 20 C m
700 570 470 470 400 400 330 330 330 280 280 280 230 230 230 230 190 190 190 160 160 130 130 110 90
Zmax 10 kHz 20 C m
840 690 560 560 480 480 400 400 400 330 330 330 280 280 280 280 230 230 230 190 190 160 160 130 110
I~max 100 Hz 40 C A
2,2 2,6 2,9 2,9 3,3 3,4 3,8 3,9 3,8 4,4 4,3 4,4 5,0 5,0 4,9 5,1 5,7 5,7 6,0 6,6 6,9 7,5 7,6 8,4 9,6
I~R1) 100 Hz 85 C A
1,0 1,2 1,3 1,3 1,5 1,5 1,7 1,8 1,7 2,0 1,9 2,0 2,3 2,3 2,2 2,3 2,6 2,6 2,7 3,0 3,1 3,4 3,4 3,8 4,4
Ordering code2)
B43304E2227M000 B43304E2277M000 B43304E2337M000 B43304G2337M000 B43304E2397M000 B43304G2397M000 B43304E2477M000 B43304G2477M000 B43304H2477M000 B43304E2567M000 B43304G2567M000 B43304H2567M000 B43304E2687M000 B43304G2687M000 B43304H2687M000 B43304J2687M000 B43304E2827M000 B43304G2827M000 B43304H2827M000 B43304E2108M000 B43304G2108M000 B43304E2128M000 B43304G2128M000 B43304E2158M000 B43304E2188M000
1) 120 Hz conversion factor of ripple current: I~ (120 Hz) = 1,03 * I~ (100 Hz) 2) Ordering code for standard terminals (6,3 mm). To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 226.
230 10/02
B43304 Miniaturized - 85 C
Technical data and ordering codes
UR
VDC 400
CR 100 Hz 20 C F
100 120 120 150 150 180 180 180 220 220 220 270 270 270 270 330 330 330 390 390 390 470 470 560 560 680
Case dimensions dxl mm 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 30 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45
ESRtyp 100 Hz 20 C m
1 630 1 360 1 360 1 090 1 090 910 910 910 740 740 740 610 610 610 610 500 500 500 420 420 420 350 350 300 300 240
Zmax 10 kHz 20 C m
1 960 1 630 1 630 1 310 1 310 1 090 1 090 1 090 890 890 890 730 730 730 730 600 600 600 510 510 510 420 420 350 350 290
I~max 100 Hz 40 C A
1,5 1,7 1,8 2,0 2,1 2,4 2,3 2,4 2,7 2,7 2,8 3,2 3,1 3,1 3,2 3,6 3,6 3,8 4,1 4,1 4,1 4,7 4,7 5,3 5,4 6,2
I~R1) 100 Hz 85 C A
0,67 0,79 0,80 0,93 0,95 1,1 1,0 1,1 1,2 1,2 1,3 1,4 1,4 1,4 1,5 1,6 1,6 1,7 1,9 1,9 1,9 2,1 2,2 2,4 2,5 2,8
Ordering code2)
B43304A9107M000 B43304A9127M000 B43304B9127M000 B43304A9157M000 B43304B9157M000 B43304A9187M000 B43304B9187M000 B43304C9187M000 B43304A9227M000 B43304B9227M000 B43304C9227M000 B43304A9277M000 B43304B9277M000 B43304C9277M000 B43304D9277M000 B43304A9337M000 B43304B9337M000 B43304C9337M000 B43304A9397M000 B43304B9397M000 B43304C9397M000 B43304A9477M000 B43304B9477M000 B43304A9567M000 B43304B9567M000 B43304A9687M000
1) 120 Hz conversion factor of ripple current: I~ (120 Hz) = 1,03 * I~ (100 Hz) 2) Ordering code for standard terminals (6,3 mm). To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 226.
231 10/02
B43304 Miniaturized - 85 C
Technical data and ordering codes
UR
VDC 450
CR 100 Hz 20 C F
82 100 100 120 120 150 150 150 180 180 180 220 220 220 220 270 270 270 330 330 390 390 470 470 560
Case dimensions dxl mm 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 30 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45
ESRtyp 100 Hz 20 C m
1 990 1 630 1 630 1 360 1 360 1 090 1 090 1 090 910 910 910 740 740 740 740 610 610 610 500 500 420 420 350 350 300
Zmax 10 kHz 20 C m
2 390 1 960 1 960 1 630 1 630 1 310 1 310 1 310 1 090 1 090 1 090 890 890 890 890 730 730 730 600 600 510 510 420 420 350
I~max 100 Hz 40 C A
1,3 1,6 1,6 1,8 1,9 2,2 2,1 2,2 2,5 2,4 2,5 2,9 2,8 2,8 2,9 3,3 3,2 3,4 3,8 4,0 4,3 4,3 4,9 5,0 5,6
I~R1) 100 Hz 85 C A
0,61 0,72 0,73 0,83 0,85 0,98 0,95 0,98 1,1 1,1 1,1 1,3 1,3 1,3 1,3 1,5 1,5 1,6 1,7 1,8 1,9 2,0 2,2 2,3 2,6
Ordering code2)
B43304A5826M000 B43304A5107M000 B43304B5107M000 B43304A5127M000 B43304B5127M000 B43304A5157M000 B43304B5157M000 B43304C5157M000 B43304A5187M000 B43304B5187M000 B43304C5187M000 B43304A5227M000 B43304B5227M000 B43304C5227M000 B43304D5227M000 B43304A5277M000 B43304B5277M000 B43304C5277M000 B43304A5337M000 B43304B5337M000 B43304A5397M000 B43304B5397M000 B43304A5477M000 B43304B5477M000 B43304A5567M000
1) 120 Hz conversion factor of ripple current: I~ (120 Hz) = 1,03 * I~ (100 Hz) 2) Ordering code for standard terminals (6,3 mm). To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 226.
232 10/02
B43304 Miniaturized - 85 C
Useful life depending on ambient temperature TA under ripple current operating conditions 1)
2,5
KAL0815-C
~ ~R
B43304 2,0
1,5
1,0
100 000 h
50 000 h
25 000 h
10 000 h
0,5
5 000 h
0 40
50
60
70
80
C TA
2 000 h
90
Frequency factor of permissible ripple current I~ versus frequency f
Frequency characteristics of ESR Typical behavior
~100 Hz
1,3 1,2 1,1 1,0
~f
1,5 B43304
KAL0816-K
2,5 B43304 ESR f ESR 100 Hz 2,0
KAL0817-T
1,5
1,0 20 C 0,5 > 60 C
0,9 0,8
01 10
5
10 2
5
10 3 Hz 2 f
5 10 2
5 10 3
Hz 10 4 f
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
233 10/02
B43304 Miniaturized - 85 C
Impedance Z versus frequency f Typical behavior at 20 C
10 2
KAL0818-2
Z
10 1
B43304
10 0 560 F/450 V 680 F/400 V 1800 F/250 V 10
_1
10
_2
10 1
10 2
10 3
10 4
10 5 Hz 10 6 f
234 10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B43304J2687M007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X